PART |
Description |
Maker |
AP1623SLA AP1623 AP1623S AP1623SA AP1623SL |
Diodes, Zener; Zener Voltage Typ, Vz:12V; Vz Test Current, Izt:20mA; Power Dissipation, Pd:500mW; Package/Case:41-MiniDIP; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Peak Reflow Compatible (260 C):Yes JFET; Transistor Polarity:Dual N Channel; Breakdown Voltage, V(br)gss:-40V; Zero Gate Voltage Drain Current Min, Idss:0.5mA; Zero Gate Voltage Drain Current Max, Idss:10mA; Gate-Source Cutoff Voltage Max, Vgs(off):-2.5V PWM Control Step-Down Switching Regulator-Converter
|
ETC ANACHIP[Anachip Corp]
|
ADM3311 ADM3311E ADM3311EARS-REEL25 ADM3311EARU-RE |
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?/a> 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle⑩ 15 kV ESD Protected. 2.7 V to 3.6 V Serial Port Transceiver with Green Idle JFET; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:-4mA; Zero Gate Voltage Drain Current Max, Idss:-16mA; Gate-Source Cutoff Voltage Max, Vgs(off):9V; Continuous Drain Current, Id:-16mA RoHS Compliant: No 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle 15 kV的ESD保护.7 V.6 V绿色串口收发闲置
|
AD[Analog Devices] Analog Devices, Inc.
|
AMS5010KT AMS5010JT AMS5010NT AMS5010LN AMS5010HN |
MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:40A; On-Resistance, Rds(on):0.014ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No 1.2V的电压基 1.2V VOLTAGE REFERENCE 1.2V的电压基
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
2SK635 |
Drain Current ?ID=3A@ TC=25C
|
Inchange Semiconductor ...
|
2N20 |
Drain Current ID= 2A@ TC=25C
|
Inchange Semiconductor ...
|
2SK846 |
Drain Current ?ID=3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1211 |
Drain Current ?ID=2.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1224 |
Drain Current ?ID=4A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1463 |
Drain Current ?ID=4.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1462 |
Drain Current ?ID=8A@ TC=25C
|
Inchange Semiconductor ...
|